Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download J1511AT220VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J151
Features
* * *
RoHS Compliant
21.6, 30.6, 40.6 x 27.6 x 35.0 mm
E197851
Switching capacity up to 20A; small size and light weight Low coil power consumption; high contact load Strong resistance to shock and vibration 1A, 1B, 1C = SPST N.O., SPST N.C., SPDT 2A, 2B, 2C = DPST N.O., DPST N.C., DPDT 3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT 4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current < 50 milliohms initial AgSnO2 5540VA, 560W 300VAC 20A
Contact Data
Contact Arrangement
Contact Rating
1 Pole : 20A @ 277VAC & 28VDC 2 Pole : 12A @ 250VAC & 28VDC 2 Pole : 10A @ 277VAC; 1/2hp @ 125VAC 3 Pole : 12A @ 250VAC & 28VDC 3 Pole : 10A @ 277VAC; 1/2hp @ 125VAC 4 Pole : 12A @ 250VAC & 28VDC 4 Pole : 10A @ 277VAC; 1/2hp @ 125VAC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Coil Data DC Parameters
Coil Voltage VDC Rated 6 12 24 36 48 110 220 Max 7.8 15.6 31.2 46.8 62.4 143.0 286.0 .9W 40 160 650 1500 2600 11000 53778 Coil Resistance +/- 10% 1.4W N/A 100 400 900 1600 8400 34571 1.5W N/A 96 360 865 1540 6800 32267 Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated 10% of rated voltage voltage 4.50 9.00 18.00 27.00 36.00 82.50 165.00 .6 1.2 2.4 3.6 4.8 11.0 22.0 .90 1.40 1.50 25 25 Coil Power W Operate Time ms Release Time ms
Coil Data AC Parameters
Specifications and availability subject to change without notice.
Coil Voltage VAC Rated 6 12 24 36 48 110 120 220 240 Max 7.8 15.6 31.2 46.8 62.4 143.0 156.0 286.0 312.0
Coil Resistance +/- 10% 1.2VA 11.5 46 184 370 735 3900 4550 14400 19000 2.0VA N/A 25.5 102 230 410 2300 2530 8600 10555 2.5VA N/A 20 80 180 320 1680 1990 3700 8280
Pick Up Voltage Release Voltage VAC (max) VAC (min) 80% of rated 30% of rated voltage voltage 4.80 9.60 19.20 28.80 38.40 88.00 96.00 176.00 192.00 1.8 3.6 7.2 10.8 14.4 33.0 36.0 66.0 72.0
Coil Power W
Operate Time ms
Release Time ms
1.20 2.00 2.50
25
25
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J151
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature
Specifications and availability subject to change without notice.
100K cycles, typical 20M cycles (1 & 2 pole), typical; 10M cycles (3 & 4 pole), typical 100M min. @ 500VDC 1500V rms min. @ sea level 1500V rms min. @ sea level 100m/s2 for 11 ms 1.27mm double amplitude 10~40Hz 10N -40oC to +85oC -40oC to +155oC 260oC for 5 s 2C: 40g; 3C: 50g; 4C: 60g
Storage Temperature Solderability Weight
Ordering Information
1. Series J151 2. Contact Arrangement 1A, 1B, 1C 2A, 2B, 2C 3A, 3B, 3C 4A, 4B, 4C 3. Termination T = Solder lugs / Plug-in F = Solder lugs / Plug-in with Flange P = PCB Terminals 4. Coil Voltage 6VDC / 6VAC 12VDC / 12VAC 24VDC / 24VAC 36VDC / 36VAC 48VDC / 48VAC 110VDC / 110VAC 120VAC 220VAC 240VAC 5. Coil Power .9 = .9W (DC coil for use with 1 and 2 pole models only) 1.4 = 1.4W (DC coil for use with 3 pole models only) 1.5 = 1.5W (DC coil for use with 4 pole models only) 1.2 = 1.2VA (AC coil for use with 1 and 2 pole models only) 2.0 = 2.0VA (AC coil for use iwth 3 pole models only) 2.5 = 2.5VA (AC coil for use with 4 pole models only) 6. Option LED Blank = No indicator LED D = With indicator LED 7. Gold Option Blank = Standard contact G = Gold over standard contacts 8. Push to Test Option Blank = Without push to test button T = With push to test button J151 2C T 12VDC .9
Dimensions shown in mm. Dimensions are shown for reference purposes only.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
J151
Dimensions
Units = mm
1 & 2 Pole
3 Pole
Dimensions shown in mm. Dimensions are shown for reference purposes only.
4 Pole
1 & 2 Pole with Flange
3 Pole with Flange
Specifications and availability subject to change without notice.
4 Pole with Flange
Flange Mount Layouts
Termination Options
PC Pins www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
Solder Tabs
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
1C 2C 3C
phone - 763.535.2339
J151
4C
www.citrelay.com
fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J1511AT220VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X